전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GP30NC60K 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 GP30NC60K
상세설명  30 A - 600 V - short circuit rugged IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP30NC60K 데이터시트(HTML) 5 Page - STMicroelectronics

  GP30NC60K Datasheet HTML 1Page - STMicroelectronics GP30NC60K Datasheet HTML 2Page - STMicroelectronics GP30NC60K Datasheet HTML 3Page - STMicroelectronics GP30NC60K Datasheet HTML 4Page - STMicroelectronics GP30NC60K Datasheet HTML 5Page - STMicroelectronics GP30NC60K Datasheet HTML 6Page - STMicroelectronics GP30NC60K Datasheet HTML 7Page - STMicroelectronics GP30NC60K Datasheet HTML 8Page - STMicroelectronics GP30NC60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STGB30NC60K - STGP30NC60K
Electrical characteristics
5/15
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 480 V, IC = 20 A
RG= 10 Ω, VGE= 15 V
(see Figure 16)
29
12
1520
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 480 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
Tc= 125°C (see Figure 16)
27
14
1360
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 480 V, IC = 20 A,
RG = 10 Ω, VGE = 15 V
(see Figure 16)
36
120
85
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 480 V, IC = 20 A,
RG = 10 Ω, VGE = 15 V
TC = 125°C
(see Figure 16)
75
160
130
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
Eon
Eoff
(1)
Ets
1.
Turn-off losses include also the tail of the collector current.
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 480 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
(see Figure 16)
350
435
785
µJ
µJ
µJ
Eon
Eoff
(1)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 480 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
TC= 125°C
(see Figure 16)
590
845
1435
µJ
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15