전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB55NF06-1 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STB55NF06-1
상세설명  N-channel 60V - 0.015Ω - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF06-1 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STB55NF06-1 Datasheet HTML 10Page - STMicroelectronics STB55NF06-1 Datasheet HTML 11Page - STMicroelectronics STB55NF06-1 Datasheet HTML 12Page - STMicroelectronics STB55NF06-1 Datasheet HTML 13Page - STMicroelectronics STB55NF06-1 Datasheet HTML 14Page - STMicroelectronics STB55NF06-1 Datasheet HTML 15Page - STMicroelectronics STB55NF06-1 Datasheet HTML 16Page - STMicroelectronics STB55NF06-1 Datasheet HTML 17Page - STMicroelectronics STB55NF06-1 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
STB55NF06 - STB55NF06-1 - STP55NF06 - STP55NF06FP
14/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.15
1.70
0.045
0.066
c
0.49
0.70
0.019
0.027
D
15.25
15.75
0.60
0.620
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L30
28.90
1.137
øP
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
TO-220 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18