전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7232AJ2T1 데이터시트(PDF) 61 Page - STMicroelectronics

부품명 ST7232AJ2T1
상세설명  8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232AJ2T1 데이터시트(HTML) 61 Page - STMicroelectronics

Back Button ST7232AJ2T1 Datasheet HTML 57Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 58Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 59Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 60Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 61Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 62Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 63Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 64Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 157 page
background image
ST7232A
61/157
16-BIT TIMER (Cont’d)
Figure 37. Input Capture Block Diagram
Figure 38. Input Capture Timing Diagram
ICIE
CC0
CC1
16-BIT FREE RUNNING
COUNTER
IEDG1
(Control Register 1) CR1
(Control Register 2) CR2
ICF2
ICF1
0
0
0
(Status Register) SR
IEDG2
ICAP1
ICAP2
EDGE DETECT
CIRCUIT2
16-BIT
IC1R Register
IC2R Register
EDGE DETECT
CIRCUIT1
pin
pin
FF01
FF02
FF03
FF03
TIMER CLOCK
COUNTER REGISTER
ICAPi PIN
ICAPi FLAG
ICAPi REGISTER
Note: The
rising edge is the active edge.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More