전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7232AJ2T1 데이터시트(PDF) 151 Page - STMicroelectronics

부품명 ST7232AJ2T1
상세설명  8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232AJ2T1 데이터시트(HTML) 151 Page - STMicroelectronics

Back Button ST7232AJ2T1 Datasheet HTML 147Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 148Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 149Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 150Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 151Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 152Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 153Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 154Page - STMicroelectronics ST7232AJ2T1 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 157 page
background image
ST7232A
151/157
14.5.1
Socket
and
Emulator
Adapter
Information
For information on the type of socket that is sup-
plied with the emulator, refer to the suggested list
of sockets in Table 29.
Note: Before designing the board layout, it is rec-
ommended to check the overall dimensions of the
socket as they may be greater than the dimen-
sions of the device.
For footprint and other mechanical information
about these sockets and adapters, refer to the
manufacturer’s
datasheet
(www.ironwoodelec-
tronics.com for TQFP32 7 x 7).
Table 29. Suggested List of Socket Types
Device
Socket (supplied with
ST7MDT20J-EMU3)
Emulator Adapter (supplied with
ST7MDT20J-EMU3)
TQFP32 7 X 7
IRONWOOD SF-QFE32SA-L-01
IRONWOOD SK-UGA06/32A-01
TQFP44 10 X10
YAMAICHI IC149-044-*52-*5
YAMAICHI ICP-044-5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More