전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1G3234 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 ST1G3234
상세설명  1-bit dual supply bus buffer level translator with A-side series resistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3234 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button ST1G3234 Datasheet HTML 7Page - STMicroelectronics ST1G3234 Datasheet HTML 8Page - STMicroelectronics ST1G3234 Datasheet HTML 9Page - STMicroelectronics ST1G3234 Datasheet HTML 10Page - STMicroelectronics ST1G3234 Datasheet HTML 11Page - STMicroelectronics ST1G3234 Datasheet HTML 12Page - STMicroelectronics ST1G3234 Datasheet HTML 13Page - STMicroelectronics ST1G3234 Datasheet HTML 14Page - STMicroelectronics ST1G3234 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
ST1G3234
12/15
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.585
0.65
0.715
23.0
25.6
28.1
A1
0.21
0.25
0.29
8.3
9.8
11.4
a2
0.40
15.7
b
0.265
0.315
0.365
10.4
12.4
14.4
D
1.31
1.36
1.41
51.6
53.5
55.5
D1
0.866
34.1
E
0.97
1.02
1.07
38.2
40.2
42.1
E1
0.5
19.7
eD
0.383
0.433
0.483
15.1
17.0
19.0
eE
0.20
0.25
0.30
7.9
9.8
11.8
fD
0.247
9.7
fE
0.260
10.2
ccc
0.080
3.1
Flip-Chip 5 MECHANICAL DATA
7224716F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15