| 전자부품 데이터시트 검색엔진 |
|
STM32L462CEU3 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEU3 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 198 page ![]() DocID029969 Rev 1 61/198 STM32L462CE STM32L462RE STM32L462VE Pinouts and pin description 80 22 H3 30 H7 48 L11 PB11 I/O FT_f - TIM2_CH4, I2C4_SDA, I2C2_SDA, USART3_RX, LPUART1_TX, QUADSPI_BK1_NCS, COMP2_OUT, EVENTOUT - 23 H2 31 D6 49 F12 VSS S - - - - 24 H1 32 E6 50 G12 VDD S - - - - 25 G3 33 H8 51 L12 PB12 I/O FT - TIM1_BKIN, TIM1_BKIN_COMP2, I2C2_SMBA, SPI2_NSS, DFSDM1_DATIN1, USART3_CK, LPUART1_RTS_DE, TSC_G1_IO1, CAN1_RX, SAI1_FS_A, TIM15_BKIN, EVENTOUT - 26 G2 34 G8 52 K12 PB13 I/O FT_f - TIM1_CH1N, I2C2_SCL, SPI2_SCK, DFSDM1_CKIN1, USART3_CTS, LPUART1_CTS, TSC_G1_IO2, CAN1_TX, SAI1_SCK_A, TIM15_CH1N, EVENTOUT - 27 G1 35 F8 53 K11 PB14 I/O FT_f - TIM1_CH2N, I2C2_SDA, SPI2_MISO, DFSDM1_DATIN2, USART3_RTS_DE, TSC_G1_IO3, SAI1_MCLK_A, TIM15_CH1, EVENTOUT - 28 F1 36 F7 54 K10 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, SPI2_MOSI, DFSDM1_CKIN2, TSC_G1_IO4, SAI1_SD_A, TIM15_CH2, EVENTOUT - ---- 55 K9 PD8 I/O FT - USART3_TX, EVENTOUT - ---- 56 K8 PD9 I/O FT - USART3_RX, EVENTOUT - ---- 57 J12 PD10 I/O FT - USART3_CK, TSC_G6_IO1, EVENTOUT - Table 13. STM32L462xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |