전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L462CEY3 데이터시트(PDF) 58 Page - STMicroelectronics

부품명 STM32L462CEY3
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEY3 데이터시트(HTML) 58 Page - STMicroelectronics

Back Button STM32L462CEY3 Datasheet HTML 54Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 55Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 56Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 57Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 58Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 59Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 60Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 61Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 198 page
background image
Pinouts and pin description
STM32L462CE STM32L462RE STM32L462VE
58/198
DocID029969 Rev 1
7
F8 7 E1 14
H2
NRST
I/O
RST
-
-
-
-
D7 8 E3 15
H1
PC0
I/O
FT_fa
-
LPTIM1_IN1, I2C4_SCL,
I2C3_SCL, LPUART1_RX,
LPTIM2_IN1, EVENTOUT
ADC1_IN1
-
D5 9 E2 16
J2
PC1
I/O
FT_fa
-
TRACED0, LPTIM1_OUT,
I2C4_SDA, I2C3_SDA,
LPUART1_TX, EVENTOUT
ADC1_IN2
-D6 10 F2
17
J3
PC2
I/O
FT_a
-
LPTIM1_IN2, SPI2_MISO,
DFSDM1_CKOUT,
EVENTOUT
ADC1_IN3
-E7 11 G1 18
K2
PC3
I/O
FT_a
-
LPTIM1_ETR, SPI2_MOSI,
SAI1_SD_A, LPTIM2_ETR,
EVENTOUT
ADC1_IN4
----
19
J1
VSSA
S
-
-
-
-
----
20
K1
VREF-
S
-
-
-
-
8G8 12 F1
-
-
VSSA/
VREF-
S-
-
-
-
----
21
L1
VREF+
S
-
-
-
VREFBUF_OUT
----
22
M1
VDDA
S
-
-
-
-
9F7 13 H1
-
-
VDDA/
VREF+
S-
-
-
-
10 H8 14 G2 23
L2
PA0
I/O
FT_a
-
TIM2_CH1, USART2_CTS,
UART4_TX, COMP1_OUT,
SAI1_EXTCLK, TIM2_ETR,
EVENTOUT
OPAMP1_VINP,
COMP1_INM,
ADC1_IN5, RTC_TAMP2,
WKUP1
11 E6 15 H2 24
M2
PA1
I/O
FT_a (3)
TIM2_CH2, I2C1_SMBA,
SPI1_SCK,
USART2_RTS_DE,
UART4_RX, TIM15_CH1N,
EVENTOUT
OPAMP1_VINM,
COMP1_INP, ADC1_IN6
12 G7 16 F3
25
K3
PA2
I/O
FT_a
-
TIM2_CH3, USART2_TX,
LPUART1_TX,
QUADSPI_BK1_NCS,
COMP2_OUT, TIM15_CH1,
EVENTOUT
COMP2_INM,
ADC1_IN7,
WKUP4,LSCO
13 F6 17 G3 26
L3
PA3
I/O
TT_a
-
TIM2_CH4, USART2_RX,
LPUART1_RX,
QUADSPI_CLK,
SAI1_MCLK_A,
TIM15_CH2, EVENTOUT
OPAMP1_VOUT,
COMP2_INP, ADC1_IN8
-
-
18 C2 27
E3
VSS
S
-
-
-
-
Table 13. STM32L462xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More