전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L272 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L272
상세설명  DUAL POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L272 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button L272_03 Datasheet HTML 2Page - STMicroelectronics L272_03 Datasheet HTML 3Page - STMicroelectronics L272_03 Datasheet HTML 4Page - STMicroelectronics L272_03 Datasheet HTML 5Page - STMicroelectronics L272_03 Datasheet HTML 6Page - STMicroelectronics L272_03 Datasheet HTML 7Page - STMicroelectronics L272_03 Datasheet HTML 8Page - STMicroelectronics L272_03 Datasheet HTML 9Page - STMicroelectronics L272_03 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
20.0
0.787
E
8.80
0.346
e
2.54
0.100
e3
17.78
0.700
F
7.10
0.280
I
5.10
0.201
L
3.30
0.130
Z
1.27
0.050
Powerdip 16
OUTLINE AND
MECHANICAL DATA
L272
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10