전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5973AD 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 L5973AD
상세설명  2 A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button L5973AD_08 Datasheet HTML 9Page - STMicroelectronics L5973AD_08 Datasheet HTML 10Page - STMicroelectronics L5973AD_08 Datasheet HTML 11Page - STMicroelectronics L5973AD_08 Datasheet HTML 12Page - STMicroelectronics L5973AD_08 Datasheet HTML 13Page - STMicroelectronics L5973AD_08 Datasheet HTML 14Page - STMicroelectronics L5973AD_08 Datasheet HTML 15Page - STMicroelectronics L5973AD_08 Datasheet HTML 16Page - STMicroelectronics L5973AD_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
L5973AD
Additional features and protections
13/21
5
Additional features and protections
5.1
Feedback disconnection
In case of feedback disconnection, the duty cycle increases versus the maximum allowed
value, bringing the output voltage close to the input supply. This condition could destroy the
load.
To avoid this dangerous condition, the device is turned off if the feedback pin remains
floating.
5.2
Output overvoltage protection
The overvoltage protection, OVP, is realized by using an internal comparator, which input is
connected to the feedback, that turns off the power stage when the OVP threshold is
reached. This threshold is typically 30 % higher than the feedback voltage.
When a voltage divider is requested for adjusting the output voltage (see test application
circuit), the OVP intervention will be set at:
Equation 1
Where R1 is the resistor connected between the output voltage and the feedback pin, while
R2 is between the feedback pin and ground.
5.3
Zero load
Due to the fact that the internal power is a PDMOS, no boostrap capacitor is required and
so, the device works properly also with no load at the output. In this condition it works in
burst mode, with random repetition rate of the burst.
5.4
Application circuit
In Figure 8 is shown the demo board application circuit, where the input supply voltage,
VCC, can range from 4 V to 25 V due to the rated voltage of the input capacitor and the
output voltage is adjustable from 1.235 V to VCC.
V
OVP
1.3
R
1
R
2
+
R
2
-------------------- V
FB
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21