전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M25P40-VMP6TG/X 데이터시트(PDF) 9 Page - Numonyx B.V

부품명 M25P40-VMP6TG/X
상세설명  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P40-VMP6TG/X 데이터시트(HTML) 9 Page - Numonyx B.V

Back Button M25P40-VMP6TG/X Datasheet HTML 5Page - Numonyx B.V M25P40-VMP6TG/X Datasheet HTML 6Page - Numonyx B.V M25P40-VMP6TG/X Datasheet HTML 7Page - Numonyx B.V M25P40-VMP6TG/X Datasheet HTML 8Page - Numonyx B.V M25P40-VMP6TG/X Datasheet HTML 9Page - Numonyx B.V M25P40-VMP6TG/X Datasheet HTML 10Page - Numonyx B.V M25P40-VMP6TG/X Datasheet HTML 11Page - Numonyx B.V M25P40-VMP6TG/X Datasheet HTML 12Page - Numonyx B.V M25P40-VMP6TG/X Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
M25P40
Signal description
9/53
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53