| 전자부품 데이터시트 검색엔진 |
|
M25P10-AVMP3/X 데이터시트(PDF) 34 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
M25P10-AVMP3/X 데이터시트(HTML) 34 Page - Numonyx B.V |
|
34 / 51 page ![]() Power-up and power-down M25P10-A 34/51 Figure 20. Power-up timing Table 8. Power-up timing and VWI threshold Symbol Parameter Min Max Unit tVSL (1) 1. These parameters are characterized only. VCC(min) to S low 10 µs tPUW (1) Time delay to write instruction 1 10 ms VWI (1) Write Inhibit voltage (device grade 6) 1 2 V VWI (1) Write Inhibit voltage (device grade 3) 1 2.2 V VCC AI04009C VCC(min) VWI Reset state of the device Chip selection not allowed Program, Erase and Write commands are rejected by the device tVSL tPUW time Read access allowed Device fully accessible VCC(max) |