| 전자부품 데이터시트 검색엔진 |
|
AS056MSS 데이터시트(PDF) 4 Page - Pentair Equipment Protection - Hoffman |
|
|
|||||||||||||||||||||||||||||
AS056MSS 데이터시트(HTML) 4 Page - Pentair Equipment Protection - Hoffman |
|
4 / 4 page ![]() Spec-00182 D Hole SealS Hole SealS PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM EQUIPMENT PROTECTION SOLUTIONS acceSSorieS 4 Hol-SealerS™ Fit These Hole Sizes Catalog Number Fits Min. Hole Dia. (inch) Min. Hole Dia. (millimeter) Nut Orientation ASPB05075NM .5-in. conduit holes .86 22 A 22.5-mm pushbutton holes .88 22 A .75-in. conduit holes 1.09 28 A ASPB100125NM 30.5-mm pushbutton holes 1.20 31 A 1-in. conduit holes 1.36 35 B 1.25-in. conduit holes 1.70 43 A AS150200250NM 1.5-in. conduit holes 1.95 50 A 2-in. conduit holes 2.38 60 B 2.5-in. conduit holes 2.88 73 A AS300350400NM 3-in. conduit holes 3.50 89 A 3.5-in. conduit holes 4.00 102 B 4-in. conduit holes 4.50 114 A |