전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS300SS 데이터시트(PDF) 4 Page - Pentair Equipment Protection - Hoffman

부품명 AS300SS
상세설명  HOL-SEALERS™ Hole Seals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
홈페이지  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

AS300SS 데이터시트(HTML) 4 Page - Pentair Equipment Protection - Hoffman

  AS300SS Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman AS300SS Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman AS300SS Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman AS300SS Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Spec-00182 D
Hole SealS Hole SealS
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
acceSSorieS
4
 Hol-SealerS™ Fit These Hole Sizes
Catalog Number
Fits
Min. Hole
Dia. (inch)
Min. Hole
Dia. (millimeter)
Nut
Orientation
ASPB05075NM
.5-in. conduit holes
.86
22
A
22.5-mm pushbutton holes
.88
22
A
.75-in. conduit holes
1.09
28
A
ASPB100125NM
30.5-mm pushbutton holes
1.20
31
A
1-in. conduit holes
1.36
35
B
1.25-in. conduit holes
1.70
43
A
AS150200250NM
1.5-in. conduit holes
1.95
50
A
2-in. conduit holes
2.38
60
B
2.5-in. conduit holes
2.88
73
A
AS300350400NM
3-in. conduit holes
3.50
89
A
3.5-in. conduit holes
4.00
102
B
4-in. conduit holes
4.50
114
A



Html Pages

1 2 3 4