전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD1085D2M33-R 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 LD1085D2M33-R
상세설명  3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2M33-R 데이터시트(HTML) 5 Page - STMicroelectronics

  LD1085D2M33-R Datasheet HTML 1Page - STMicroelectronics LD1085D2M33-R Datasheet HTML 2Page - STMicroelectronics LD1085D2M33-R Datasheet HTML 3Page - STMicroelectronics LD1085D2M33-R Datasheet HTML 4Page - STMicroelectronics LD1085D2M33-R Datasheet HTML 5Page - STMicroelectronics LD1085D2M33-R Datasheet HTML 6Page - STMicroelectronics LD1085D2M33-R Datasheet HTML 7Page - STMicroelectronics LD1085D2M33-R Datasheet HTML 8Page - STMicroelectronics LD1085D2M33-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LD1085 SERIES
5/19
Table 7: Electrical Characteristics Of LD1085#285 (VI=5.85V, CI = CO =10µF, TA = -40 to 125°C,
unless otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Table 8: Electrical Characteristics Of LD1085#33 (VI=6.3V, CI = CO =10µF, TA = -40 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA TJ = 25°C
2.821
2.85
2.879
V
IO = 0 to 3AVI = 4.5 to 30V (note 1)
2.793
2.85
2.907
V
∆VO
Line Regulation
IO = 0 mA VI = 4.5 to 18V TJ = 25°C
0.2
6
mV
IO = 0 mA VI = 4.5 to 18V
0.5
6
mV
∆VO
Load Regulation
IO = 0 to 3ATJ = 25°C
3
15
mV
IO = 0 to 3A
7
20
mV
Vd
Dropout Voltage
IO =3 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 30V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
3.2
4.5
A
VI - VO = 25V
0.2
0.5
A
Thermal Regulation
TA = 25°C, 30ms pulse
0.008
0.04
%/W
SVR
Supply Voltage Rejection
f = 120 Hz, CO = 25 µF,
IO = 3A
VI = 7.85 ± 3V
60
72
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA TJ = 25°C
3.267
3.3
3.333
V
IO = 0 to 3AVI = 4.9 to 30V (note 1)
3.234
3.35
3.366
V
∆VO
Line Regulation
IO = 0 mA VI = 4.9 to 18V
TJ = 25°C
0.5
6
mV
IO = 0 mA VI = 4.9 to 18V
1
6
mV
∆VO
Load Regulation
IO = 0 to 3ATJ = 25°C
3
15
mV
IO = 0 to 3A
7
20
mV
Vd
Dropout Voltage
IO =3 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 30V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
3.2
4.5
A
VI - VO = 25V
0.2
0.5
A
Thermal Regulation
TA = 25°C, 30ms pulse
0.008
0.04
%/W
SVR
Supply Voltage Rejection
f = 120 Hz, CO = 25 µF,
IO = 5A
VI = 8.3 ± 3V
60
72
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19