| 전자부품 데이터시트 검색엔진 |
|
IFR6015 데이터시트(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
IFR6015 데이터시트(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 12 page ![]() Mode S and ATCRBS Transponder Xpdr Auto-Test: Every parameter the user commonly needs to view is displayed on one screen. The auto-test performs all tests defined by FAR Part 43 Appendix F, including the proposed Eurocontrol additional tests. The tests are tailored automatically according to reported transpon- der level to avoid erroneous failures. The test list is selected from the auto-test screen. This provides an easy means of selecting any of the individual tests that comprise the auto-test. Tests on the 2nd screen (not shown) include: 13 UF21 14 UF24 15 ELEMENTARY SURVEILLANCE 1 16 ELEMENTARY SURVEILLANCE 2 15 ENHANCED SURVEILLANCE Individual tests may be reviewed for failures which are identified by an arrow symbol. User selects config required for test. If the class of the transponder is unknown, the generic config may be selected which applies to the widest limits. The test set will automatically determine the Mode S transponder level. The selected config parameters may be displayed by pressing the INFO softkey. Eight predetermined configs are provided to meet the currently field- ed transponder test needs. The Eurocontrol Elementary Surveillance DAP's (Downlink Aircraft Parameters) are displayed on two screens Eurocontrol Enhanced Surveillance DAP's are displayed on one screen. |