전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SJ5438 데이터시트(PDF) 2 Page - Seme LAB

부품명 SJ5438
상세설명  PNP DRIVER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SJ5438 데이터시트(HTML) 2 Page - Seme LAB

  SJ5438 Datasheet HTML 1Page - Seme LAB SJ5438 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Units
IC = 50mA
IE = 100mA
IC = 100mA
VCE = 60V
VEB = 6V
VCE = 60V
VCE = 10V
IC = 0.5A
VCE = 10V
IC = 0.2A
VCE = 15V
IC = 0.5A
f = 1MHz
VCB = 10V
f = 1MHz
IC = 2A
IB = 0.2A
IC = 2A
IB = 0.2A
IC = 1A
IB = 0.1A
IC = 1A
IB = 0.1A
LAB
SEME
SJ5438
Prelim. 3/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
BVCEO
Collector – Emitter Breakdown Voltage
BVEBO
Emitter – Base Breakdown Voltage
BVCBO
Collector – Base Breakdown Voltage
ICEO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
ICES
Emitter Cut-off Current
HFE1
Current Gain
HFE2
Current Gain
hfe
Current Gain
Cob
Output Capacitance
VCEO(sus) Collector – Emitter Saturation Voltage
VBEO(sus) Base – Emitter Saturation Voltage
ton
Turn-On Time
toff
Turn-Off Time
60
7
60
20
5
20
40
250
30
250
30
300
0.8
1.5
500
1
V
mA
pF
V
ns
ms



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com