전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28W160ECT90N6F 데이터시트(PDF) 33 Page - Numonyx B.V

부품명 M28W160ECT90N6F
상세설명  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W160ECT90N6F 데이터시트(HTML) 33 Page - Numonyx B.V

Back Button M28W160ECT90N6F Datasheet HTML 29Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 30Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 31Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 32Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 33Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 34Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 35Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 36Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33/50
M28W160ECT, M28W160ECB
Table 22. Daisy Chain Ordering Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available op-
tions (Speed, Package, etc.) or for further information on any aspect of this device, please contact the Nu-
monyx Sales Office nearest to you.
Example:
M28W160EC
-ZB
T
Device Type
M28W160EC
Daisy Chain
-ZB = TFBGA46: 6.39 x 6.37mm, 0.75 mm pitch
Option
T = Tape & Reel Packing
S = Tape & Reel Packing, 16mm (BGA only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50