| 전자부품 데이터시트 검색엔진 |
|
MFRC522 데이터시트(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC522 데이터시트(HTML) 94 Page - NXP Semiconductors |
|
94 / 109 page ![]() 112132 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.2 — 22 May 2007 94 of 109 NXP Semiconductors MFRC522 Contactless Reader IC 26. Handling information Moisture Sensitivity Level (MSL) Evaluation has been performed according to SNW-FQ-225B rev.04/07/07 (JEDEC J-STD-020C). MSL for this package is level 1 which means 260 °C convection reflow temperature. Dry pack is not required. Unlimited out of pack Floor Life at maximum ambient 30 °C/85%RH. |