전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M45PE80-VMP6TP 데이터시트(PDF) 7 Page - Numonyx B.V

부품명 M45PE80-VMP6TP
상세설명  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6TP 데이터시트(HTML) 7 Page - Numonyx B.V

Back Button M45PE80-VMP6TP Datasheet HTML 3Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 4Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 5Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 6Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 7Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 8Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 9Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 10Page - Numonyx B.V M45PE80-VMP6TP Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
M45PE80
Summary description
7/47
Figure 2.
VFQFPN and SO connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Section 11: Package mechanical for package dimensions, and how to identify pin-1.
1
AI06811B
2
3
4
8
7
6
5
W
S
VCC
VSS
C
DQ
Reset
M45PE80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47