| 전자부품 데이터시트 검색엔진 |
|
ESP32-P4 데이터시트(PDF) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP32-P4 데이터시트(HTML) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
22 / 93 page ![]() Table 2-3 – cont’d from previous page Pin IO MUX / IO MUX Function 1, 2, 3 No. GPIO Name 2 F0 Type 3 F1 Type F2 Type F3 Type 92 GPIO49 GPIO49 I/O/T GPIO49 I/O/T – – GMAC_PHY_TXEN_PAD O 93 GPIO50 GPIO50 I/O/T GPIO50 I/O/T – – GMAC_RMII_CLK_PAD I0 94 GPIO51 GPIO51 I/O/T GPIO51 I/O/T – – GMAC_PHY_RXDV_PAD I0 95 GPIO52 GPIO52 I/O/T GPIO52 I/O/T – – GMAC_PHY_RXD0_PAD I0 97 GPIO53 GPIO53 I/O/T GPIO53 I/O/T – – GMAC_PHY_RXD1_PAD I0 98 GPIO54 GPIO54 I/O/T GPIO54 I/O/T – – GMAC_PHY_RXER_PAD I0 104 GPIO0 GPIO0 I/O/T GPIO0 I/O/T – – – – 1 Bold marks the default pin functions in the default boot mode. See Section 3.1 Chip Boot Mode Control. 2 Regarding highlighted cells, see Section 2.3.4 Restrictions for GPIOs and LP GPIOs. 3 Each IO MUX function (Fn, n = 0–3) is associated with a type. The description of type is as follows: • I – input. O – output. T – high impedance. • I1 – input; if the pin is assigned a function other than Fn, the input signal of Fn is always 1. • I0 – input; if the pin is assigned a function other than Fn, the input signal of Fn is always 0. |