전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N6379 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 2N6379
상세설명  Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6379 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6379 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6379 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon PNP Power Transistor
2N6379
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -10mA ; IB= 0A
-120
--
V
ICEO
Collector Cutoff Current
VCE= -70V ; IB=0A
--
-50
uA
ICBO
Collector Cutoff Current
VCB= -120V ; IE=0A
--
-10
uA
IEBO
Emitter Cutoff Current
VEB= -6V; IC=0A
--
-100
uA
hFE
DC Current Gain
IC= -1A; VCE= -4V
50
--
--
hFE
DC Current Gain
IC= -20A; VCE= -4V
30
120
--
hFE
DC Current Gain
IC= -50A; VCE= -4V
10
--
--
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -20A; IB= -2A
--
-1.2
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -50A; IB= -10A
--
-3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -20A; IB= -2A
--
-1.8
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -50A; IB= -10A
--
-3.5
V
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com