전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP8P10S 데이터시트(PDF) 2 Page - A POWER MICROELECTRONICS

부품명 AP8P10S
상세설명  -100V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP8P10S 데이터시트(HTML) 2 Page - A POWER MICROELECTRONICS

  AP8P10S Datasheet HTML 1Page - A POWER MICROELECTRONICS AP8P10S Datasheet HTML 2Page - A POWER MICROELECTRONICS AP8P10S Datasheet HTML 3Page - A POWER MICROELECTRONICS AP8P10S Datasheet HTML 4Page - A POWER MICROELECTRONICS AP8P10S Datasheet HTML 5Page - A POWER MICROELECTRONICS AP8P10S Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP8P10S
-100V P-Channel Enhancement Mode MOSFET
AP8P10S RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-100
-110
---
V
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V , ID=- 6A
---
83
110
mΩ
VGS=-4.5V , ID=-3A
---
95
120
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.2
-1.8
-2.5
V
IDSS
Drain-Source Leakage Current
VDS=-100V , VGS=0V , TJ=25℃
---
---
-50
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-10V , ID=-10A
---
24
---
S
Qg
Total Gate Charge
VDS=-50V , VGS=-10V , ID=-20A
---
20.1
---
nC
Qgs
Gate-Source Charge
---
3.9
---
Qgd
Gate-Drain Charge
---
4.3
---
Td(on)
Turn-On Delay Time
VDD=-50V , VGS=-10V ,
RG=3.3 ,
ID=-10A
---
10
---
ns
Tr
Rise Time
---
30
---
Td(off)
Turn-Off Delay Time
---
77
---
Tf
Fall Time
---
81
---
Ciss
Input Capacitance
VDS=-20V , VGS=0V , f=1MHz
---
1051
---
pF
Coss
Output Capacitance
---
119
---
Crss
Reverse Transfer Capacitance
---
25
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
-15
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25
---
---
-1.2
V
trr
Reverse Recovery Time
IF=-8A , di/dt=-100A/µs ,
TJ=25
---
81
---
nS
Qrr
Reverse Recovery Charge
---
140
---
nC
Notes:
1、Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2、The test condition is, VDD=80V,VG=10V RG =25Ω, L=0.1mH.
3、The data tested by pulsed Pulse Test: Pulse Width≤300μs, Duty Cycle≤0.5%
4、The power dissipation is limited by 150℃ junction temperature
℃
℃



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com