| 전자부품 데이터시트 검색엔진 |
|
MPC8309CVMAGDC 데이터시트(PDF) 67 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMAGDC 데이터시트(HTML) 67 Page - NXP Semiconductors |
|
67 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 Freescale Semiconductor 67 Clocking Configuration chapter in the MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Reference Manual. The qe_clk frequency is determined by the QUICC Engine PLL multiplication factor (RCWL[CEPMF]) and the QUICC Engine PLL division factor (RCWL[CEPDF]) as the following equation: qe_clk = (QE_CLK_IN × CEPMF) (1 + CEPDF) Eqn. 3 For more information, see the QUICC Engine PLL Multiplication Factor section and the “QUICC Engine PLL Division Factor” section in the MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Reference Manual for more information. The DDR SDRAM memory controller operates with a frequency equal to twice the frequency of csb_clk. Note that ddr_clk is not the external memory bus frequency; ddr_clk passes through the DDR clock divider ( 2) to create the differential DDR memory bus clock outputs (MCK and MCK). However, the data rate is the same frequency as ddr_clk. The local bus memory controller operates with a frequency equal to the frequency of csb_clk. Note that lbc_clk is not the external local bus frequency; lbc_clk passes through the LBC clock divider to create the external local bus clock outputs (LCLK). The LBC clock divider ratio is controlled by LCRR[CLKDIV]. For more information, see the LBC Bus Clock and Clock Ratios section in the MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Reference Manual. In addition, some of the internal units may be required to be shut off or operate at lower frequency than the csb_clk frequency. These units have a default clock ratio that can be configured by a memory mapped register after the device comes out of reset. The following table specifies which units have a configurable clock frequency. For detailed description, refer to the “System Clock Control Register (SCCR)” section in the MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Reference Manual. NOTE Setting the clock ratio of these units must be performed prior to any access to them. The following table provides the maximum operating frequencies for the MPC8309 MAPBGA under recommended operating conditions (see Table 2). Table 56. Configurable Clock Units Unit Default Frequency Options I2C,SDHC, USB, DMA Complex csb_clk Off, csb_clk, csb_clk/2, csb_clk/3 Table 57. Operating Frequencies for MAPBGA Characteristic1 Max Operating Frequency Unit e300 core frequency (core_clk)417 MHz Coherent system bus frequency (csb_clk)167 MHz QUICC Engine frequency (qe_clk)233 MHz |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |