전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C11775 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C11775
상세설명  Venla series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11775 데이터시트(HTML) 1 Page - Ledil, Inc.

  C11775 Datasheet HTML 1Page - Ledil, Inc. C11775 Datasheet HTML 2Page - Ledil, Inc. C11775 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Venla series
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11773
C11773_Venla-S-Vega
Venla
Reflector
Luxeon S
Metal
45 mm
25 mm
Round
-
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
13 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11775
C11775_Venla-M-Vega
Venla
Reflector
Luxeon S
Metal
45 mm
25 mm
Round
-
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
28 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11776
C11776_Venla-W-Vega
Venla
Reflector
Luxeon S
Metal
45 mm
25 mm
Round
-
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
48 degrees
-
-
Available
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11777
C11777_Venla-WW-Vega
Venla
Reflector
Luxeon S
Metal
45 mm
25 mm
Round
-
PC
-
Ready
FWHM
Efficiency
cd/lm
Gerber File
56 degrees
-
-
Available
June 30th 2011 11:37 Copyright Ledil Oy - Subject to change without prior notice - Page 1/3
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - C11775

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C11775 LEDIL-C11775 Datasheet
2Mb / 4P
~30째 medium beam
More results

유사한 설명 - C11775

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
CP12090 CREE-CP12090 Datasheet
476Kb / 10P
Venla series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com