전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320DM641 데이터시트(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320DM641
상세설명  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 데이터시트(HTML) 42 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 38Page - Texas Instruments TMS320DM641 Datasheet HTML 39Page - Texas Instruments TMS320DM641 Datasheet HTML 40Page - Texas Instruments TMS320DM641 Datasheet HTML 41Page - Texas Instruments TMS320DM641 Datasheet HTML 42Page - Texas Instruments TMS320DM641 Datasheet HTML 43Page - Texas Instruments TMS320DM641 Datasheet HTML 44Page - Texas Instruments TMS320DM641 Datasheet HTML 45Page - Texas Instruments TMS320DM641 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 179 page
background image
Pin Assignments
42
June 2003 − Revised October 2005
SPRS222E
McASP0
(Multichannel Audio Serial Port 0)
ACLKX0
AHCLKX0
Transmit
Clock
Generator
AMUTEIN0
Auto Mute
Logic
AMUTE0
AFSX0
Transmit
Frame Sync
AFSR0
Receive
Frame Sync
ACLKR0
AHCLKR0
Receive Clock
Generator
AXR0[3]
AXR0[2]
AXR0[1]
AXR0[0]
8-Serial Ports
Flexible
Partitioning
Tx, Rx, OFF
Transmit
Clock Check
Circuit
Receive Clock
Check Circuit
Error Detect
(see Note A )
(Transmit/Receive Data Pins)
(Transmit/Receive Data Pins)
(Receive Bit Clock)
(Transmit Bit Clock)
(Receive Master Clock)
(Transmit Master Clock)
(Receive Frame Sync or
Left/Right Clock)
(Transmit Frame Sync or
Left/Right Clock)
NOTES: A. The McASPs’ Error Detect function detects underruns, overruns, early/late frame syncs, DMA errors, and external mute input.
B. Bolded and italicized text within parentheses denotes the function of the pins in an audio system.
Figure 1−6. Peripheral Signals (Continued)
1.9.3
Terminal Functions
The terminal functions table (Table 1−6) identifies the external signal names, the associated pin (ball) numbers
along with the mechanical package designator, the pin type (I, O/Z, or I/O/Z), whether the pin has any internal
pullup/pulldown resistors and a functional pin description. For more detailed information on device
configuration, peripheral selection, multiplexed/shared pins, and debugging considerations, see the Device
Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More