전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320DM641 데이터시트(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320DM641
상세설명  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 데이터시트(HTML) 133 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 129Page - Texas Instruments TMS320DM641 Datasheet HTML 130Page - Texas Instruments TMS320DM641 Datasheet HTML 131Page - Texas Instruments TMS320DM641 Datasheet HTML 132Page - Texas Instruments TMS320DM641 Datasheet HTML 133Page - Texas Instruments TMS320DM641 Datasheet HTML 134Page - Texas Instruments TMS320DM641 Datasheet HTML 135Page - Texas Instruments TMS320DM641 Datasheet HTML 136Page - Texas Instruments TMS320DM641 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 179 page
background image
Host-Port Interface (HPI) [DM641 Only]
133
June 2003 − Revised October 2005
SPRS222E
4.11 Host-Port Interface (HPI) [DM641 Only]
The HPI is a parallel port through which a host processor can directly access the CPU memory space. The
host device functions as a master to the interface, which increases ease of access. The host and CPU can
exchange information via internal or external memory. The host also has direct access to memory-mapped
peripherals. Connectivity to the CPU memory space is provided through the enhanced DMA (EDMA)
controller. Both the host and the CPU can access the HPI control register (HPIC) and the HPI address register
(HPIA). The host can access the HPI data register (HPID) and the HPIC by using the external data and
interface control signals.
For more detailed information on the HPI peripheral, see the TMS320C6000 DSP Host Port Interface (HPI)
Reference Guide (literature number SPRU578).
4.11.1
HPI Peripheral Register Description(s) [DM641 Only]
Table 4−38. HPI Registers [DM641 Only]
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
−
HPID
HPI data register
Host read/write access only
0188 0000
HPIC
HPI control register
HPIC has both Host/CPU read/write access
0188 0004
HPIA
(HPIAW)†
HPI address register
(Write)
HPIA has both Host/CPU read/write access
0188 0008
HPIA
(HPIAR)†
HPI address register
(Read)
HPIA has both Host/CPU read/write access
0188 000C − 0189 FFFF
−
Reserved
018A 0000
HPI_TRCTL
HPI transfer request control
register
018A 0004 − 018B FFFF
−
Reserved
† Host access to the HPIA register updates both the HPIAW and HPIAR registers. The CPU can access HPIAW and HPIAR independently.
4.11.2
Host-Port Interface (HPI) Electrical Data/Timing [DM641 Only]
Table 4−39. Timing Requirements for Host-Port Interface Cycles†‡ (see Figure 4−40 through Figure 4−43)
[DM641 Only]
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tsu(SELV-HSTBL)
Setup time, select signals§ valid before HSTROBE low
5
ns
2
th(HSTBL-SELV)
Hold time, select signals§ valid after HSTROBE low
2.4
ns
3
tw(HSTBL)
Pulse duration, HSTROBE low
4P
ns
4
tw(HSTBH)
Pulse duration, HSTROBE high between consecutive accesses
4P
ns
10
tsu(SELV-HASL)
Setup time, select signals§ valid before HAS low
5
ns
11
th(HASL-SELV)
Hold time, select signals§ valid after HAS low
2
ns
12
tsu(HDV-HSTBH)
Setup time, host data valid before HSTROBE high
5
ns
13
th(HSTBH-HDV)
Hold time, host data valid after HSTROBE high
2.8
ns
14
th(HRDYL-HSTBL)
Hold time, HSTROBE low after HRDY low. HSTROBE should not be
inactivated until HRDY is active (low); otherwise, HPI writes will not complete
properly.
2
ns
18
tsu(HASL-HSTBL)
Setup time, HAS low before HSTROBE low
2
ns
19
th(HSTBL-HASL)
Hold time, HAS low after HSTROBE low
2.1
ns
† HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
§ Select signals include: HCNTL[1:0], HR/W, and HHWIL.
Select the parameter value of 4P or 12.5 ns, whichever is larger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com