전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4525DO-SS3A0100G 데이터시트(PDF) 4 Page - TE Connectivity Ltd

부품명 4525DO-SS3A0100G
상세설명  PCB Mounted Digital Output Transducer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525DO-SS3A0100G 데이터시트(HTML) 4 Page - TE Connectivity Ltd

  4525DO-SS3A0100G Datasheet HTML 1Page - TE Connectivity Ltd 4525DO-SS3A0100G Datasheet HTML 2Page - TE Connectivity Ltd 4525DO-SS3A0100G Datasheet HTML 3Page - TE Connectivity Ltd 4525DO-SS3A0100G Datasheet HTML 4Page - TE Connectivity Ltd 4525DO-SS3A0100G Datasheet HTML 5Page - TE Connectivity Ltd 4525DO-SS3A0100G Datasheet HTML 6Page - TE Connectivity Ltd 4525DO-SS3A0100G Datasheet HTML 7Page - TE Connectivity Ltd 4525DO-SS3A0100G Datasheet HTML 8Page - TE Connectivity Ltd 4525DO-SS3A0100G Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MS4525DO
SENSOR SOLUTIONS /// MS4525DO
04/2019
Page 4
PERFORMANCE SPECIFICATIONS
Supply Voltage1: 5.0V or 3.3 VDC
Reference Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Accuracy
-0.25
0.25
% SPAN
2
Total Error Band
-1
1
% SPAN
3,7
Burst pressure
SEE TABLE 1
Common mode pressure
NOT TO EXCEED 300 PSI
Load Resistance (RL)
10
k
Ω
Long term stability (offset & span)
±0.5
% SPAN
Compensated Temperature
-10
85
oC
Operating Temperature
-25
105
oC
Weight
3
grams
Update time
0.5
ms
6
Start time to data ready
8.4
ms
6
Solder temperature
250oC MAX 5 SEC.
Media
Non-Corrosive Dry Gases Compatible with Ceramic, Silicon, Borosilicate Glass,
RTV, Gold, Aluminum and Epoxy. See “Wetted Material by Port Designation” chart
below.
Notes
1. Proper operation requires an external capacitor placed as shown in Connection Diagram. Output is not ratiometric to supply voltage.
2. The maximum deviation from a best fit straight line (BFSL) fitted to the output measured over the pressure range at 25C. Includes all
errors due to pressure non linearity, hysteresis, and non repeatability.
3. Total pressure error band includes all accuracy errors, thermal errors over the compensated temperature range and span and offset
calibration tolerances. For ideal sensor output with respect to input pressure and temperature, reference Transfer Function charts below.
TEB values are valid only at the calibrated supply voltage.
4. The deviation from a best fit straight line (BFSL) fitted to the output measured over the compensated temperature range.
5. For errors beyond the compensated temperature range, see Extended Temperature Multiplier chart below.
6. Start time to data ready is the time to get valid data after POR (power on reset). The time to get subsequent valid data is then specified
by the update time specification.
7. This product can be configured for custom OEM requirements, contact factory for lower power consumption or higher accuracy.
CONNECTION DIAGRAM
Notes
1.
Place 100nF capacitor between Supply and GND to within 2 cm of sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com