전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4525DO-TP3A0100G 데이터시트(PDF) 1 Page - TE Connectivity Ltd

부품명 4525DO-TP3A0100G
상세설명  PCB Mounted Digital Output Transducer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525DO-TP3A0100G 데이터시트(HTML) 1 Page - TE Connectivity Ltd

  4525DO-TP3A0100G Datasheet HTML 1Page - TE Connectivity Ltd 4525DO-TP3A0100G Datasheet HTML 2Page - TE Connectivity Ltd 4525DO-TP3A0100G Datasheet HTML 3Page - TE Connectivity Ltd 4525DO-TP3A0100G Datasheet HTML 4Page - TE Connectivity Ltd 4525DO-TP3A0100G Datasheet HTML 5Page - TE Connectivity Ltd 4525DO-TP3A0100G Datasheet HTML 6Page - TE Connectivity Ltd 4525DO-TP3A0100G Datasheet HTML 7Page - TE Connectivity Ltd 4525DO-TP3A0100G Datasheet HTML 8Page - TE Connectivity Ltd 4525DO-TP3A0100G Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SENSOR SOLUTIONS /// MS4525DO
04/2019
Page 1
MS4525DO
SPECIFICATIONS
PCB Mounted Digital Output Transducer
Combination Temperature and Pressure
I2C or SPI Protocol
Differential, Gage, Absolute, Compound, &
Vacuum
Temperature Compensated
3.3 or 5.0 VDC Supply Voltage
Low Power Option Available (standby < 1µA)
The MS4525DO is a small, ceramic based, PCB mounted
pressure transducer from TE Connectivity. The transducer is built
using our
proprietary UltraStable™ process and the latest CMOS
sensor conditioning circuitry to create a low cost, high
performance digital output pressure (14bit) and temperature
(11bit) transducer designed to meet the strictest requirements
from OEM customers.
The MS4525DO is fully calibrated and temperature compensated
with a total error band (TEB) of less than 1.0% over the
compensated pressure range. The sensor operates from single
supply of either 3.3 or 5.0VDC and requires a single external
component for proper operation
The rugged ceramic transducer is available in side port, top port,
and manifold mount and can measure absolute, gauge,
differential, vacuum or compound pressure from 1 to 150psi. The
1/8” barbed pressure ports mate securely with 3/32” ID tubing.
FEATURES
PSI Pressure Ranges
PCB Mountable
Digital Output
Barbed Pressure Ports
APPLICATIONS
Blocked Filter Detection
Altitude and Airspeed Measurements
Medical Instruments
Fire Suppression System
Panel Meter
Air Movement/Environmental Controls
Pneumatic Controls


유사한 부품 번호 - 4525DO-TP3A0100G

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4525DO-TP5BI001AP TEC-4525DO-TP5BI001AP Datasheet
902Kb / 20P
SPECIFICATIONS
04/2019
4525DO-TP5BI005AP TEC-4525DO-TP5BI005AP Datasheet
902Kb / 20P
SPECIFICATIONS
04/2019
4525DO-TP5BI015AP TEC-4525DO-TP5BI015AP Datasheet
902Kb / 20P
SPECIFICATIONS
04/2019
4525DO-TP5BI030AP TEC-4525DO-TP5BI030AP Datasheet
902Kb / 20P
SPECIFICATIONS
04/2019
4525DO-TP5BI050AP TEC-4525DO-TP5BI050AP Datasheet
902Kb / 20P
SPECIFICATIONS
04/2019
More results

유사한 설명 - 4525DO-TP3A0100G

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ORD9702 ETC-ORD9702 Datasheet
111Kb / 2P
PCB MOUNTED LEDS
logo
Cynergy3 Co
SSF67V CYNERGY3-SSF67V Datasheet
1Mb / 1P
continuous output level transducer
logo
List of Unclassifed Man...
MS4515DO ETC2-MS4515DO Datasheet
406Kb / 19P
PCB Mounted Digital Output Transducer
MS4525DO ETC2-MS4525DO Datasheet
409Kb / 19P
PCB Mounted Digital Output Transducer
logo
LEM
FHS40-PKIT4 LEM-FHS40-PKIT4 Datasheet
197Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT5 LEM-FHS40-PKIT5 Datasheet
207Kb / 6P
Current Transducer Evaluation PCB
FHS40-PKIT6 LEM-FHS40-PKIT6 Datasheet
218Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT7 LEM-FHS40-PKIT7 Datasheet
215Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT8 LEM-FHS40-PKIT8 Datasheet
223Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT9 LEM-FHS40-PKIT9 Datasheet
166Kb / 5P
Current Transducer Evaluation PCB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com