전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4525DO-SS5A0100G 데이터시트(PDF) 8 Page - TE Connectivity Ltd

부품명 4525DO-SS5A0100G
상세설명  PCB Mounted Digital Output Transducer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525DO-SS5A0100G 데이터시트(HTML) 8 Page - TE Connectivity Ltd

Back Button 4525DO-SS5A0100G Datasheet HTML 4Page - TE Connectivity Ltd 4525DO-SS5A0100G Datasheet HTML 5Page - TE Connectivity Ltd 4525DO-SS5A0100G Datasheet HTML 6Page - TE Connectivity Ltd 4525DO-SS5A0100G Datasheet HTML 7Page - TE Connectivity Ltd 4525DO-SS5A0100G Datasheet HTML 8Page - TE Connectivity Ltd 4525DO-SS5A0100G Datasheet HTML 9Page - TE Connectivity Ltd 4525DO-SS5A0100G Datasheet HTML 10Page - TE Connectivity Ltd 4525DO-SS5A0100G Datasheet HTML 11Page - TE Connectivity Ltd 4525DO-SS5A0100G Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MS4525DO
SENSOR SOLUTIONS /// MS4525DO
04/2019
Page 8
Pin Name
Pin
Function
GND
1
Ground
SUPPLY
2
Positive Supply Voltage
SDA
MISO
3
I2C Data
SPI Data
SCL
SCLK
4
I2C Clock
SPI Clock
INT
SS
5
I2C Interrupt
SPI Chip Select
6-8
No Connection
INT is not available for
Pin Style “L” models
Pressure Type
Pmin
Pmax
Description
Absolute
0psiA
+Prange
Output is proportional to the difference between 0psiA (Pmin) and pressure
applied to Port 1.
Differential/
Bidirectional
-Prange
+Prange
Output is proportional to the difference between Port 1 and Port 2. Output
swings positive when Port 1> Port 2. Output is 50% of total counts when
Port 1=Port 2.
Gauge
0psiG
+Prange
Output is proportional to the difference between 0psiG (Pmin) and Port 1.
Output swings positive when Port 1> Port 2.
Vacuum
-15psiG
+0psiG
Output is inversely proportional to the difference between -15psiG pressure
(Pmin) and pressure applied to Port 1.
Compound
-15psiG
+Prange
Output is proportional to the difference between -15psiG pressure (Pmin) and
pressure applied to Port 1.
*Prange is equal to the maximum full scale pressure specified in the ordering information.
Standard ranges (psi) by port style
WETTED MATERIAL BY PORT DESIGNATION
Material
Style
Port
Ceramic
Silicon
Borosilicate Glass
RTV
Gold
Aluminum
Epoxy
DS, MM
Port 1
X
X
X
X
X
Port 2
X
X
X
X
X
X
X
SS, TP, SM
Port 1
X
X
X
X
X
X
X
‘X’ indicates Wetted Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com