전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4525DO-MM5A0100G 데이터시트(PDF) 3 Page - TE Connectivity Ltd

부품명 4525DO-MM5A0100G
상세설명  PCB Mounted Digital Output Transducer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525DO-MM5A0100G 데이터시트(HTML) 3 Page - TE Connectivity Ltd

  4525DO-MM5A0100G Datasheet HTML 1Page - TE Connectivity Ltd 4525DO-MM5A0100G Datasheet HTML 2Page - TE Connectivity Ltd 4525DO-MM5A0100G Datasheet HTML 3Page - TE Connectivity Ltd 4525DO-MM5A0100G Datasheet HTML 4Page - TE Connectivity Ltd 4525DO-MM5A0100G Datasheet HTML 5Page - TE Connectivity Ltd 4525DO-MM5A0100G Datasheet HTML 6Page - TE Connectivity Ltd 4525DO-MM5A0100G Datasheet HTML 7Page - TE Connectivity Ltd 4525DO-MM5A0100G Datasheet HTML 8Page - TE Connectivity Ltd 4525DO-MM5A0100G Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MS4525DO
SENSOR SOLUTIONS /// MS4525DO
04/2019
Page 3
ABSOLUTE MAXIMUM RATINGS
Parameter
Conditions
Min
Max
Unit
Notes
Supply Voltage
TA = 25 °C
2.7
5.5
V
Output Current
TA = 25°C
3
mA
Storage Temperature
-40
+125
°C
Humidity
TA = 25°C
95
%RH
Non Condensing
Overpressure
TA = 25 °C, both Ports
Not to Exceed 300
psi
Burst Pressure
TA = 25 °C, Port 1
psi
See Table 1
ESD
HBM
-4
+4
kV
EN 61000-4-2
Solder Temperature
250°C, 5 sec max.
TABLE 1- BURST PRESSURE BY RANGE AND PACKAGE STYLE
ENVIRONMENTAL SPECIFICATIONS
Range
DS
SS, TP, MM
Unit
001
20
20
psi
002
20
20
psi
005
15
20
psi
015
45
90
psi
030
90
200
psi
050
150
300
psi
100
300
300
psi
150
300
300
psi
Parameter
Conditions
Mechanical Shock
Mil Spec 202F, Method 213B, Condition C, 3 Drops
Mechanical Vibration
Mil Spec 202F, Method 214A, Condition 1E, 1Hr Each Axis
Thermal Shock
100 Cycles over Storage Temperature, 30 minute dwell
Life
1 Million FS Cycles
MTTF
>10Yrs, 70 ºC, 1.188 Million Pressure Cycles, 120%FS Pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com