전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4525DO-SS5B0100G 데이터시트(PDF) 19 Page - TE Connectivity Ltd

부품명 4525DO-SS5B0100G
상세설명  PCB Mounted Digital Output Transducer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525DO-SS5B0100G 데이터시트(HTML) 19 Page - TE Connectivity Ltd

Back Button 4525DO-SS5B0100G Datasheet HTML 11Page - TE Connectivity Ltd 4525DO-SS5B0100G Datasheet HTML 12Page - TE Connectivity Ltd 4525DO-SS5B0100G Datasheet HTML 13Page - TE Connectivity Ltd 4525DO-SS5B0100G Datasheet HTML 14Page - TE Connectivity Ltd 4525DO-SS5B0100G Datasheet HTML 15Page - TE Connectivity Ltd 4525DO-SS5B0100G Datasheet HTML 16Page - TE Connectivity Ltd 4525DO-SS5B0100G Datasheet HTML 17Page - TE Connectivity Ltd 4525DO-SS5B0100G Datasheet HTML 18Page - TE Connectivity Ltd 4525DO-SS5B0100G Datasheet HTML 19Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
MS4525DO
SENSOR SOLUTIONS /// MS4525DO
04/2019
Page 19
ORDERING INFORMATION
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to herein
might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse
of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2015 TE Connectivity Ltd. family of companies All Rights Reserved.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity company
Tel: 800-522-6752
Email: customercare.frmt@te.com
EUROPE
Measurement Specialties (Europe), Ltd.,
a TE Connectivity Company
Tel: +31 73 624 6999
Email: customercare.bevx@te.com
ASIA
Measurement Specialties (China) Ltd.,
a TE Connectivity company
Tel: 0400-820-6015
Email: customercare.shzn@te.com
4525DO
– DS 3 B K 030 D P M
Package Type
SS
Single Sideport
DS
Dual Sideport
TP
Top Port
MM
Manifold Mount
Option Type
[Blank]
No Option
F
Gel Coating
L
Low Power
M
Gel Coat & Low Power
Supply Voltage
3
3.3 VDC
5
5.0 VDC
Pin Type
P
Thru Hole
S
J Lead
L
In Line
C
Castellation
Output Type
A
10% to 90%
B
5% to 95%
Pressure Type
D
Differential
G
Gauge
V
Vacuum
A
Absolute
C
Compound
Interface Type
I
I2C (Addr. 0x28H)
J
I2C (Addr. 0x36H)
K
I2C (Addr. 0x46H)
S
SPI (Not available for ‘L’ pin Style)
0
I2C (Addr. 0x48H)
:
:
9
I2C (Addr. 0x51H)
Pressure Range [psi]
001
002
005
015
030
050
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com