전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7FL05Y0MA 데이터시트(PDF) 99 Page - STMicroelectronics

부품명 ST7FL05Y0MA
상세설명  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL05Y0MA 데이터시트(HTML) 99 Page - STMicroelectronics

Back Button ST7FL05Y0MA Datasheet HTML 95Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 96Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 97Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 98Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 99Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 100Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 101Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 102Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
ST7L05, ST7L09
99/104
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
Figure 74. FASTROM Commercial Product Code Structure
Table 25. FASTROM Factory Coded Device Types
Part Number
Program Memory
(Bytes)
Data EEPROM
(Bytes)
RAM (Bytes)
Temp. Range
Package
ST7PL05Y0MA
1.5K FASTROM
-
128
-40 to +85°C
SO16
ST7PL09Y0MA
128
ST7PL05Y0MB
-
-40 to +105°C
ST7PL09Y0MB
128
DEVICE
PACKAGE
XXX R E
E2DATA PINOUT PROG MEM
E = Leadfree (
ECOPACK
™ option)
Conditioning options:
R = Tape and Reel (left blank if Tube)
Code name
(defined by STMicrolectronics)
Not present if Tape and Reel
A = -40 to 85°C
B = -40 to 105°C
M = Plastic Small Outline
0 = 1.5 Kbytes
Y = 16 pins
5= No E2 data
9 = E2 data (128 bytes)
ST7PL0
/
VERSION
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com