| 전자부품 데이터시트 검색엔진 |
|
S32K310 데이터시트(PDF) 87 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 데이터시트(HTML) 87 Page - NXP Semiconductors |
|
87 / 164 page ![]() Table 40. Low Power Comparator (LPCMP)...continued Symbol Description Min Typ Max Unit Condition Spec Number TIDHS Initialization Delay, High Speed Mode [5] — — 3 us — — TIDLS Initialization Delay, Low Speed mode [5] — — 30 us — — VAIO Analog Input Offset Voltage, High Speed Mode -25 +/-1 25 mV — — VAIO Analog Input Offset Voltage, Low Speed mode -40 + /- 5 40 mV — — VAHYST0 Analog Comparator Hysteresis, High Speed Mode — 0 — mV HYSTCTR[1:0]= 2'b00 — VAHYST1 Analog Comparator Hysteresis, High Speed Mode — 14 41 mV HYSTCTR[1:0]= 2'b01 — VAHYST2 Analog Comparator Hysteresis, High Speed Mode — 27 76 mV HYSTCTR[1:0]= 2'b10 — VAHYST3 Analog Comparator Hysteresis, High Speed Mode — 40 111 mV HYSTCTR[1:0]= 2'b11 — VAHYST0 Analog Comparator Hysteresis, Low Speed mode — 0 — mV HYSTCTR[1:0]= 2'b00 — VAHYST1 Analog Comparator Hysteresis, Low Speed mode — 8 60 mV HYSTCTR[1:0]= 2'b01 — VAHYST2 Analog Comparator Hysteresis, Low Speed mode — 15 113 mV HYSTCTR[1:0]= 2'b10 — VAHYST3 Analog Comparator Hysteresis, Low Speed mode — 23 165 mV HYSTCTR[1:0]= 2'b11 — INL DAC integral linearity [1][6][7] -1 — 1 LSB vrefh_cmp = vdda, vrefl_cmp = vss — INL DAC integral linearity [1][6][7] -1.5 — 1.5 LSB vrefh_cmp < vdda — DNL DAC differential linearity [1][7] -1 — 1 LSB vrefh_cmp = vdda, vrefl_cmp = vss — Table continues on the next page... NXP Semiconductors S32K3XX S32K3xx Data Sheet S32K3XX All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. Product data sheet Rev. 13 — 12 November 2025 Document feedback 87 / 164 |