전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM44AM1684LBC 데이터시트(PDF) 28 Page - Eorex Corporation

부품명 EM44AM1684LBC
상세설명  256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EOREX [Eorex Corporation]
홈페이지  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44AM1684LBC 데이터시트(HTML) 28 Page - Eorex Corporation

Back Button EM44AM1684LBC Datasheet HTML 21Page - Eorex Corporation EM44AM1684LBC Datasheet HTML 22Page - Eorex Corporation EM44AM1684LBC Datasheet HTML 23Page - Eorex Corporation EM44AM1684LBC Datasheet HTML 24Page - Eorex Corporation EM44AM1684LBC Datasheet HTML 25Page - Eorex Corporation EM44AM1684LBC Datasheet HTML 26Page - Eorex Corporation EM44AM1684LBC Datasheet HTML 27Page - Eorex Corporation EM44AM1684LBC Datasheet HTML 28Page - Eorex Corporation EM44AM1684LBC Datasheet HTML 29Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
eorex
EM44AM1684LBC
Jul. 2006
www.eorex.com
28/29
OCD impedance adjust
To adjust output driver impedance, controllers must issue the ADJUST EMRS(1) command along with a 4 bit
burst code to DDR2 SDRAM as in the following table. For this operation, Burst Length has to be set to BL = 4
via MRS command before activating OCD and controllers must drive the burst code to all DQs at the same
time. DT0 is the table means all DQ bits at bit time 0, DT1 at bit time 1, and so forth. The driver output
impedance is adjusted for all DDR2 SDRAM DQs simultaneously and after OCD calibration, all DQs of a
given DDR2 SDRAM will be adjusted to the same driver strength setting. The maximum step count for
adjustment can be up to 16 and when the limit is reached, further increment or decrement code has no
effect. The default setting may be any step within the maximum step count range. When Adjust mode
command is issued, AL from previously set value must be applied.
Off-Chip-Driver Adjust Program
4 bit burst code inputs to all DQs
Operation
DT0
DT1
DT2
DT3
Pull-up driver strength
Pull-down driver strength
0
0
0
0
NOP (no operation)
NOP (no operation)
0
0
0
1
Increase by 1 step
NOP
0
0
1
0
Decrease by 1 step
NOP
0
1
0
0
NOP
Increase by 1 step
1
0
0
0
NOP
Decrease by 1 step
0
1
0
1
Increase by 1 step
Increase by 1 step
0
1
1
0
Decrease by 1 step
Increase by 1 step
1
0
0
1
Increase by 1 step
Decrease by 1 step
1
0
1
0
Decrease by 1 step
Decrease by 1 step
Other Combinations
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com