전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS8H100D 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 STPS8H100D
상세설명  Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS8H100D 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS8H100D Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS8H100D Datasheet HTML 2Page - Inchange Semiconductor Company Limited STPS8H100D Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Rectifier
STPS8H100D
www.iscsemi.com
1
FEATURES
· Negligible Switching Losses
· Low Leakage Current
· High Junction Temperature Capability
APPLICATIONS
· High Frequency Compact Switched Mode
Power Supplies
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Maximum repetitive peak reverse voltage
100
V
IF(AV)
Average Rectified Forward Current
8
A
IF(RMS)
RMS Forward Current
30
A
IFSM
Non Repetitive Peak Surge Current, tp = 10ms sinusoidal
250
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃
dV/dt
Critical Rate of rise of Rise Voltage
10000
V/µs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.6
℃
/W


유사한 부품 번호 - STPS8H100D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
90Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Aug-1999
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
139Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jan-2002
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
131Kb / 9P
High voltage power Schottky rectifier
01-Jun-2006
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
532Kb / 14P
High voltage power Schottky rectifier
14-Dec-2015
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
90Kb / 8P
High voltage power Schottky rectifier
09-Sep-2012
More results

유사한 설명 - STPS8H100D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com