전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF2131 데이터시트(PDF) 15 Page - NXP Semiconductors

부품명 PCF2131
상세설명  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 데이터시트(HTML) 15 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
Figure 9. PCF2131-ARD daughterboard / IMXXRT1050 EVK board, during operation
6.1.2 Using PCF2131-ARD with LPCXpresso55S69 development board
Figure 10 shows the required hardware for operation of the PCF2131-ARD and
LPCXpresso55S69 EVK board. This configuration consists of:
• One LPCXpresso55S69 EVK board
• One PCF2131-ARD daughterboard
• One USB-A / USB Micro-B cable
• A PC with Windows 10 operating system
The LPCXpresso55S69 development board is equipped with four USB Micro-B
connectors: P5, P6, P9 and P10. The board can be powered through any USB port.
Using P6 USB connector to connect the board to the PC simplifies the start-up operation
because P6 is designated for debugging and the USB cable thus accomplishes two tasks
at the same time: powering the board, and serving as a data link between the EVK board
and PC. For more details regarding power-up and operation of the LPCXpresso55S69
development board, see the LPCXpresso55S69/LPCXpresso55S28 Development Board
User Manual https://www.nxp.com/design/development-boards/lpcxpresso-boards/
lpcxpresso55s69-development-board:LPC55S69-EVK.
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
15 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31