전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP40G06NF 데이터시트(PDF) 5 Page - A POWER MICROELECTRONICS

부품명 AP40G06NF
상세설명  60V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP40G06NF 데이터시트(HTML) 5 Page - A POWER MICROELECTRONICS

  AP40G06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40G06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40G06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40G06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40G06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40G06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40G06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP40G06NF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP40G06NF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP40G06NF
60V N+P-Channel Enhancement Mode MOSFET
AP40G06NF RVE1.0
永源微電子科技有限公司
Figure 7: Normalized Breakdown Voltage vs
Figure 8: Normalized on Resistance vs.
Junction Temperature
Junction Temperature
Figure 9: Maximum Safe Operating Area
Figure 10: Maximum Continuous Drain Current vs.
Ambient Temperature
Figure.11: Maximum Effective Transient Thermal
Impedance, Junction-to-Ambien



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com