전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI90SD1636CFD 데이터시트(PDF) 3 Page - Pericom Semiconductor Corporation

부품명 PI90SD1636CFD
상세설명  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636CFD 데이터시트(HTML) 3 Page - Pericom Semiconductor Corporation

  PI90SD1636CFD Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636CFD Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
PS8922A
11/08/07
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
1
GND_ESD
2
TX<0>
3
TX<1>
4
TX<2>
5
VCC_ESD
6
TX<3>
7
TX<4>
8
TX<5>
9
TX<6>
10
VCC_ESD
11
TX<7>
12
TX<8>
13
TX<9>
14
GND_ESD
15
GND_TXA
16
NC
48
NC
47
COM_DET
46
GND_RXT
45
RX<0>
44
RX<1>
43
RX<2>
42
VCC_RXT
41
RX<3>
40
RX<4>
39
RX<5>
38
RX<6>
37
VCC_RXT
36
RX<7>
35
RX<8>
34
RX<9>
33
GND_RXT
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
Pin Configuration
Table 1. I/O Type Definitions
Type
Definition
TTL_IN
TTL Input
TTL_OUT
TTL Output
HS_IN
Hight-Speed Input
HS_OUT
High-Speed Output
P
Power Ground
07-0253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15