전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC856AW-HF 데이터시트(PDF) 4 Page - Comchip Technology

부품명 BC856AW-HF
상세설명  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856AW-HF 데이터시트(HTML) 4 Page - Comchip Technology

  BC856AW-HF Datasheet HTML 1Page - Comchip Technology BC856AW-HF Datasheet HTML 2Page - Comchip Technology BC856AW-HF Datasheet HTML 3Page - Comchip Technology BC856AW-HF Datasheet HTML 4Page - Comchip Technology BC856AW-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
General Purpose Transistor
Reel Taping Specification
Comchip Technology CO., LTD.
Page 4
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
SOT-323
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
2.25 ± 0.05
178.00 ± 2.00
7.008 ± 0.079
2.55 ± 0.05
1.19 ± 0.05
1.55 ± 0.10
54.40 ± 1.00
13.00 ± 1.00
0.089 ± 0.002 0.100 ± 0.002 0.047 ± 0.002 0.061 ± 0.004
2.142 ± 0.039 0.512 ± 0.039
SOT-323
SYMBOL
(mm)
(inch)
E
F
P
P0
P1
W
W1
1.75 ± 0.10
3.50 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
8.00 + 0.30
- 0.10
12.30 ± 1.00
0.069 ± 0.004 0.138 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.004 0.315 + 0.012
- 0.004 0.484 ± 0.039
B
C
P
A
P0
P1
D
D1
D2
W1
QW-JTR59



Html Pages

1 2 3 4 5