전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP40P04Y 데이터시트(PDF) 6 Page - A POWER MICROELECTRONICS

부품명 AP40P04Y
상세설명  -40V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP40P04Y 데이터시트(HTML) 6 Page - A POWER MICROELECTRONICS

  AP40P04Y Datasheet HTML 1Page - A POWER MICROELECTRONICS AP40P04Y Datasheet HTML 2Page - A POWER MICROELECTRONICS AP40P04Y Datasheet HTML 3Page - A POWER MICROELECTRONICS AP40P04Y Datasheet HTML 4Page - A POWER MICROELECTRONICS AP40P04Y Datasheet HTML 5Page - A POWER MICROELECTRONICS AP40P04Y Datasheet HTML 6Page - A POWER MICROELECTRONICS AP40P04Y Datasheet HTML 7Page - A POWER MICROELECTRONICS AP40P04Y Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP40P04DIY
-40V P-Channel Enhancement Mode MOSFET
AP40P04D/Y REV1.1
永源微電子科技有限公司
Package Mechanical Data:TO-251-3L
Symbol
Dim in mm
Min
Typ
Max
A
2.1
2.3
2.5
b
0.64
0.75
0.86
c
0.45
0.52
0.6
D
6.4
6.6
6.8
D1
5.33REF
D2
4.83REF
D3
5.25REF
E
5.9
6.1
6.3
e
2.286TYP
L
10.9
11.2
11.5
L1
4.0REF
L2
1.65REF
ϕ
1.1
1.2
1.3
θ1
5°
10°
θ2
5°
10°



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com