전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ETA3425S2F 데이터시트(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

부품명 ETA3425S2F
상세설명  1uA Ultra-Low Quiescent Current 0.6A Output Synchronous BUCK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETA [ETA SOLUTIONS CO. LIMITED]
홈페이지  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3425S2F 데이터시트(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA3425S2F Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA3425S2F Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA3425S2F Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.etasolution.com
1
Powering Minds of the Smarts


유사한 부품 번호 - ETA3425S2F

제조업체부품명데이터시트상세설명
logo
ETA SOLUTIONS CO. LIMIT...
ETA3428 ETA-ETA3428 Datasheet
232Kb / 1P
3A 1.8MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428A ETA-ETA3428A Datasheet
306Kb / 1P
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428AD3K-T ETA-ETA3428AD3K-T Datasheet
306Kb / 1P
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428AD3K-U ETA-ETA3428AD3K-U Datasheet
306Kb / 1P
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428B ETA-ETA3428B Datasheet
306Kb / 1P
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
More results

유사한 설명 - ETA3425S2F

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
logo
ACE Technology Co., LTD...
ACE7207D ACE-ACE7207D Datasheet
568Kb / 8P
1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
VER 1.1
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
DA9233 RENESAS-DA9233 Datasheet
999Kb / 50P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
22-Jan-2019
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com