전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8205A 데이터시트(PDF) 4 Page - FuxinSemi All Rights Reserved.

부품명 FS8205A
상세설명  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUXINSEMI [FuxinSemi All Rights Reserved.]
홈페이지  http://www.fuxinsemi.com/
Logo FUXINSEMI - FuxinSemi All Rights Reserved.

FS8205A 데이터시트(HTML) 4 Page - FuxinSemi All Rights Reserved.

  FS8205A Datasheet HTML 1Page - FuxinSemi All Rights Reserved. FS8205A Datasheet HTML 2Page - FuxinSemi All Rights Reserved. FS8205A Datasheet HTML 3Page - FuxinSemi All Rights Reserved. FS8205A Datasheet HTML 4Page - FuxinSemi All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FS8205A
www.fuxinsemi.com
Ver2.1
Page 4
SOT-23-6L Package Information
N-Channel Enhancement Mode MOSFET
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
2.650
2.950
0.104
0.116
E1
1.500
1.700
0.059
0.067
e
0.950 (BSC)
0.037 (BSC)
e1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
θ
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4