전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P03DF 데이터시트(PDF) 5 Page - A POWER MICROELECTRONICS

부품명 AP50P03DF
상세설명  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P03DF 데이터시트(HTML) 5 Page - A POWER MICROELECTRONICS

  AP50P03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP50P03DF
-30V P-Channel Enhancement Mode MOSFET
AP50P03DF RVE2.2
永源微電子科技有限公司
Package Mechanical Data-DFN3*3-8L-JQ Single
Symbol
Common
mm
Mim
Nom
Max
A
0.70
0.75
0.85
A1
/
/
0.05
b
0.20
0.30
0.40
c
0.10
0.152
0.25
D
3.15
3.30
3.45
D1
3.00
3.15
3.25
D2
2.29
2.45
2.65
E
3.15
3.30
3.45
E1
2.90
3.05
3.20
E2
1.54
1.74
1.94
E3
0.28
0.48
0.65
E4
0.37
0.57
0.77
E5
0.10
0.20
0.30
e
0.60
0.65
0.70
K
0.59
0.69
0.89
L
0.30
0.40
0.50
L1
0.06
0.125
0.20
t
0
0.075
0.13
Φ
10
12
14



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com