전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P04F 데이터시트(PDF) 1 Page - A POWER MICROELECTRONICS

부품명 AP50P04F
상세설명  -40V P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P04F 데이터시트(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50P04F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P04F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P04F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P04F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P04F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P04F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P04F Datasheet HTML 7Page - A POWER MICROELECTRONICS AP50P04F Datasheet HTML 8Page - A POWER MICROELECTRONICS AP50P04F Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP50P04FIPIT
-40V P-Channel Enhancement Mode MOSFET
AP50P04F/P/T REV1.1
永源微電子科技有限公司
Description
The AP50P04F/P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -40V ID =-50 A
RDS(ON) < -13mΩ @ VGS=-10V (Type:10.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50P04F
TO-220F-3L
AP50P04F XXX YYYY
1000
AP50P04P
TO-220-3L
AP50P04P XXX YYYY
1000
AP50P04T
TO-263-3L
AP50P04T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-50
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-32
A
IDM
Pulsed Drain Current2
-105
A
EAS
Single Pulse Avalanche Energy3
146
mJ
IAS
Avalanche Current
-54
A
PD@TC=25℃
Total Power Dissipation4
52.1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃/W
RθJC
Thermal Resistance Junction-Case1
2.4
℃/W


유사한 부품 번호 - AP50P04F

제조업체부품명데이터시트상세설명
logo
A POWER MICROELECTRONIC...
AP50P04D APME-AP50P04D Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
AP50P04NF APME-AP50P04NF Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - AP50P04F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com