전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P04T 데이터시트(PDF) 2 Page - A POWER MICROELECTRONICS

부품명 AP50P04T
상세설명  -40V P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P04T 데이터시트(HTML) 2 Page - A POWER MICROELECTRONICS

  AP50P04T Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P04T Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P04T Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P04T Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P04T Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P04T Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P04T Datasheet HTML 7Page - A POWER MICROELECTRONICS AP50P04T Datasheet HTML 8Page - A POWER MICROELECTRONICS AP50P04T Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP50P04FIPIT
-40V P-Channel Enhancement Mode MOSFET
AP50P04F/P/T REV1.1
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-40
-44
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25
℃ , ID=-1mA
---
-0.023
---
V/
℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V , ID=-30A
---
10.5
13
mΩ
VGS=-4.5V , ID=-20A
---
15
20
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID=-250uA
-1.0
-1.6
-2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
4.74
---
mV/
℃
IDSS
Drain-Source Leakage Current
VDS=-32V , VGS=0V , TJ=25
℃
---
---
1
uA
VDS=-32V , VGS=0V , TJ=55
℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-18A
---
24
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
7
14
Ω
Qg
Total Gate Charge (-4.5V)
VDS=-20V , VGS=-4.5V ,
ID=-12A
---
27.9
---
nC
Qgs
Gate-Source Charge
---
7.7
---
Qgd
Gate-Drain Charge
---
7.5
---
Td(on)
Turn-On Delay Time
VDD=-15V , VGS=-10V ,
RG=3.3Ω,
ID=-1A
---
40
---
ns
Tr
Rise Time
---
35.2
---
Td(off)
Turn-Off Delay Time
---
100
---
Tf
Fall Time
---
9.6
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
3500
---
pF
Coss
Output Capacitance
---
323
---
Crss
Reverse Transfer Capacitance
---
222
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
-52
A
ISM
Pulsed Source Current2,5
---
---
-105
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25
℃
---
---
-1
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=-25V,VGS=-10V,L=0.1mH,IAS=-54A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com