전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP70P03D 데이터시트(PDF) 1 Page - A POWER MICROELECTRONICS

부품명 AP70P03D
상세설명  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP70P03D 데이터시트(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70P03D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70P03D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70P03D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70P03D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70P03D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70P03D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70P03D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP70P03D
-30V P-Channel Enhancement Mode MOSFET
AP70P03D RVE3.9
永源微電子科技有限公司
Description
The AP70P03D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -30V ID =-70A
RDS(ON) <9.0mΩ @ VGS=-10V (Type:6.5mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70P03D
TO-252-3L
AP70P03D XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID@TA=25
℃
Continuous Drain Current, VGS @ -10V1
70
A
ID@TA=70
℃
Continuous Drain Current, VGS @ -10V1
50
A
IDM
Pulsed Drain Current note1
-220
A
EAS
Single Pulsed Avalanche Energy note2
121
mJ
PD@TA=25
℃
Power Dissipation
65.2
W
RθJC
Thermal Resistance, Junction to Case
2.9
℃/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃


유사한 부품 번호 - AP70P03D

제조업체부품명데이터시트상세설명
logo
A POWER MICROELECTRONIC...
AP70P03NF APME-AP70P03NF Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
AP70P03P APME-AP70P03P Datasheet
1Mb / 8P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP70P03PT APME-AP70P03PT Datasheet
1Mb / 8P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP70P03T APME-AP70P03T Datasheet
1Mb / 8P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
More results

유사한 설명 - AP70P03D

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com