전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0156 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0156
상세설명  TSSOP-44 to DIP-48 SMT Adapter (0.635 mm pitch, 14 x 6.1 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0156 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0156 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0156 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
TSSOP-44 to DIP-48 SMT Adapter (0.635 mm pitch, 14 x 6.1 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
6.10
B
1.50
C
0.35
B2
4.00
C2
7.00
D
0.285
D2
1.05
E
0.635
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2015 Proto Advantage
A
B
C
D
E
B2
C2
D2
IIP
PC
C0
01
15
56
6


유사한 부품 번호 - IPC0156

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0150 PROTOADVANTAGE-IPC0150 Datasheet
44Kb / 2P
DFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 2.5 x 2.5 mm body)
revision 1.0
IPC0151 PROTOADVANTAGE-IPC0151 Datasheet
43Kb / 2P
MSOP-12 to DIP-12 SMT Adapter (0.65 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0152 PROTOADVANTAGE-IPC0152 Datasheet
44Kb / 2P
DFN-18 to DIP-22 SMT Adapter (0.4 mm pitch, 4.5 x 3.5 mm body)
revision 1.0
IPC0153 PROTOADVANTAGE-IPC0153 Datasheet
44Kb / 2P
DFN-6 to DIP-10 SMT Adapter (0.5 mm pitch, 2 x 3 mm body)
revision 1.0
IPC0154 PROTOADVANTAGE-IPC0154 Datasheet
44Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 2 x 2 mm body)
revision 1.0
More results

유사한 설명 - IPC0156

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
Omron Electronics LLC
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
DIN 48 x 48-mm Multifunctional Timer Series
logo
Samtec, Inc
QFSS SAMTEC-QFSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
QMSS SAMTEC-QMSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
logo
Mini-Circuits
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com