전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0177 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0177
상세설명  TSSOP-48 (long pins) to DIP-48 SMT Adapter (0.5 mm pitch, 12.5 x 6.1 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0177 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0177 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0177 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
TSSOP-48 (long pins) to DIP-48 SMT Adapter
(0.5 mm pitch, 12.5 x 6.1 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
6.10
B
1.60
C
0.30
D
0.20
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2015 Proto Advantage
A
B
C
D
E
IIIP
P
PC
C
C0
0
01
1
17
7
77
7
7


유사한 부품 번호 - IPC0177

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0170 PROTOADVANTAGE-IPC0170 Datasheet
44Kb / 2P
BGA-24 to DIP-24 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0170-S PROTOADVANTAGE-IPC0170-S Datasheet
103Kb / 1P
BGA-24 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0171 PROTOADVANTAGE-IPC0171 Datasheet
112Kb / 2P
BGA-25 to DIP-25 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
revision 1.1
IPC0171-S PROTOADVANTAGE-IPC0171-S Datasheet
103Kb / 1P
BGA-25 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0172 PROTOADVANTAGE-IPC0172 Datasheet
44Kb / 2P
DFN-8/MLP-8 to DIP-12 SMT Adapter (1.27 mm pitch, 6 x 8 mm body)
revision 1.0
More results

유사한 설명 - IPC0177

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
logo
Aries Electronics, Inc.
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
Ironwood Electronics.
CA-QFE48SB-L-Z-T-02 IRONWOOD-CA-QFE48SB-L-Z-T-02 Datasheet
24Kb / 1P
Carrier Adaptor 48 position (0.5 mm pitch) QFP ZIF socket with test points to 48 position QFP surface-mount emulator foot.
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
Omron Electronics LLC
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
DIN 48 x 48-mm Multifunctional Timer Series
logo
TAITIEN ELECTRONICS CO....
AT-0020-XJ TAITIEN-AT-0020-XJ Datasheet
255Kb / 1P
12.5 x 4.5 mm Crystal
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
Harmony, Setting protective cover for timing relay 48 x 48 mm
Aug 25, 2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com