전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0178 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0178
상세설명  TSSOP-56 (long pins) to DIP-56 SMT Adapter (0.5 mm pitch, 14 x 6.1 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0178 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0178 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0178 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
TSSOP-56 (long pins) to DIP-56 SMT Adapter
(0.5 mm pitch, 14 x 6.1 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
6.10
B
1.60
C
0.30
D
0.20
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2015 Proto Advantage Inc.
A
B
C
D
E
IIIP
P
PC
C
C0
0
01
1
17
7
78
8
8


유사한 부품 번호 - IPC0178

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0170 PROTOADVANTAGE-IPC0170 Datasheet
44Kb / 2P
BGA-24 to DIP-24 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0170-S PROTOADVANTAGE-IPC0170-S Datasheet
103Kb / 1P
BGA-24 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0171 PROTOADVANTAGE-IPC0171 Datasheet
112Kb / 2P
BGA-25 to DIP-25 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
revision 1.1
IPC0171-S PROTOADVANTAGE-IPC0171-S Datasheet
103Kb / 1P
BGA-25 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0172 PROTOADVANTAGE-IPC0172 Datasheet
44Kb / 2P
DFN-8/MLP-8 to DIP-12 SMT Adapter (1.27 mm pitch, 6 x 8 mm body)
revision 1.0
More results

유사한 설명 - IPC0178

제조업체부품명데이터시트상세설명
logo
ACCUTEK MICROCIRCUIT CO...
AK48D600-TSSOP.65 ACCUTEK-AK48D600-TSSOP.65 Datasheet
191Kb / 4P
48 Pin to 56 Pin DIP Adapters
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
ACCUTEK MICROCIRCUIT CO...
AK52D600-QFP ACCUTEK-AK52D600-QFP_13 Datasheet
946Kb / 5P
52 Pin to 56 Pin DIP Adapters
logo
Data Delay Devices, Inc...
MAE-86 DATADELAY-MAE-86 Datasheet
48Kb / 1P
14 pins DIP TTL interfaced
DDU-4 DATADELAY-DDU-4 Datasheet
55Kb / 1P
1 to 5 Taps (14 pins DIP) Interfaced
logo
List of Unclassifed Man...
RG160NU ETC2-RG160NU Datasheet
335Kb / 1P
DC centrifugal fans Series RG 160 NU 220 x 220 x 56 mm
logo
Aries Electronics, Inc.
18007 ARIES-18007 Datasheet
502Kb / 1P
Series 35W000 SOWIC-to-DIP Adapter ??14/28 Pins
logo
Bourns Electronic Solut...
PER56 BOURNS-PER56 Datasheet
458Kb / 3P
56 mm Low Profile Incremental Ring Encoder
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com