전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0179 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter

부품명 IPC0179
상세설명  TSSOP-64 (long pins) to DIP-64 SMT Adapter (0.5 mm pitch, 17 x 6.1 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0179 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0179 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0179 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
TSSOP-64 (long pins) to DIP-64 SMT Adapter
(0.5 mm pitch, 17 x 6.1 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
6.10
B
1.60
C
0.30
D
0.20
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2015 Proto Advantage
A
B
C
D
E
IIIP
P
PC
C
C0
0
01
1
17
7
79
9
9


유사한 부품 번호 - IPC0179

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0170 PROTOADVANTAGE-IPC0170 Datasheet
44Kb / 2P
BGA-24 to DIP-24 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0170-S PROTOADVANTAGE-IPC0170-S Datasheet
103Kb / 1P
BGA-24 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0171 PROTOADVANTAGE-IPC0171 Datasheet
112Kb / 2P
BGA-25 to DIP-25 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
revision 1.1
IPC0171-S PROTOADVANTAGE-IPC0171-S Datasheet
103Kb / 1P
BGA-25 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0172 PROTOADVANTAGE-IPC0172 Datasheet
44Kb / 2P
DFN-8/MLP-8 to DIP-12 SMT Adapter (1.27 mm pitch, 6 x 8 mm body)
revision 1.0
More results

유사한 설명 - IPC0179

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8937302ZAC ZILOG-Z8937302ZAC Datasheet
103Kb / 3P
64-PIN PROGRAMMING ADAPTER
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
64 Pin to 84 Pin DIP Adapters
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
1109477 ARIES-1109477 Datasheet
754Kb / 1P
64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
1110267-N-P ARIES-1110267-N-P Datasheet
467Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600 ACCUTEK-AK64D600_13 Datasheet
1Mb / 5P
64 Pin to 72 Pin DIP Adapters
logo
Integrated Device Techn...
932SQ420D IDT-932SQ420D Datasheet
435Kb / 28P
64-pin TSSOP and MLF packages
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
64-pin TSSOP and VFQFPN packages
logo
Aries Electronics, Inc.
18054 ARIES-18054 Datasheet
552Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com